Part Number Hot Search : 
7F0S20E FSS130D1 YA868C15 2SD14 A7601 75N10 20LM3 AN124
Product Description
Full Text Search
 

To Download 75N42102 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NETWORK SEARCH ENGINE 32K x 72 Entries
Datasheet Brief 75N42102
To request the full IDT75N42102 datasheet, please contact your local IDT Sales Representative or call 1-800-345-7015
Device Description
IDT provides proven, industry-leading network search engines (NSEs) that enable and accelerate the intelligent processing of network services in communications equipment. As a part of the complete IDT classification subsystem that includes content inspection engines, the IDT family of NSEs delivers high-performance, feature-rich, easy-to-use, integrated search accelerators. The IDT 75N42102 NSE is a high performance, low cost, full-ternary 32K x 72 entry device. Each entry location in the NSE has both a Data entry and an associated Mask entry. The NSE devices integrate content addressable memory (CAM) technology with high-performance logic. The device can perform Lookup operations plus Read and Write maintenance operations. The IDT 75N42102 NSE device has a bi-directional bus that is a multiplexed address and data bus that can support up to 200 million sustained searches per second. This device offers the ability to simultaneously search in mutually exclusive databases substantially increasing the NSE search rate. This device can be configured to enable multiple width lookups from 40 to 288 bits wide. The IDT 75N42102 requires a 1.5-volt VDD1 supply and a 2.5-volt VDD2 supply. The IDT 75N42102 NSE utilizes the latest high-performance 1.5V CMOS processing technology and is packaged in a JEDEC Standard, thermally enhanced, 304 pin low profile Ball Grid Array.
Block Diagram
MATCHIN CONFIGIN
Configuration Registers and Ram Control Circuits
CONFIGOUT SRAM CONTROL ASIC FEEDBACK
CLOCK
PHASE
/2
CCLK
RESET
S I Z E
ARRAY R /W Instruction
R EQSTB Command Bus NSE REQUEST BUS
D E C O D E
L O G I C
P R I O R I T Y E N C O D E R
Index Bus NSE RESPONSE BUS
Request Data Bus
Address
Bypass
Global Mask Registers DATA Result Register MATCHOUT
6457 drw 01
System Configurations
The IDT NSEs are designed to fulfill the needs of various types of networking systems. In solutions requiring data searching such as routers, a system configuration as shown in Figure 1.0 may be realized. In this configuration, the NSE interfaces directly to an ASIC/ FPGA for lookups and routes an Index to an associated SRAM device, which supplies the next hop address via an SRAM Data Bus to the ASIC. The NSE provides the required control signals to directly hookup to ZBTTM or Synchronous Pipeline Burst SRAM. Lookup results can also be fed directly back to the ASIC/ FPGA without the use of external SRAM. Control of the associated handshake signals is provided by all NSEs to adapt to either configuration.
Figure 1.0 ASIC / Compatible NSE / SRAM configuration
Optional
Network Interface
ASIC or FPGA
IDT 75N42102 Network Search Engine
ZBT or Sync SRAM
6457 drw02
APRIL 2004 1
2004 Integrated Device Technology, Inc. All rights reserved. Product specifications subject to change without notice.
DSC-6457/00
Network Search Engine 32K x 72 Entries
Datasheet Brief 75N42102
Features


Full Ternary 32K x 72 bit content addressable memory Global Mask Registers 40/72/144/288 multiple width lookups 200M sustained lookups per second at 72 and 144 width lookups Dual bus interface Cascadable to 8 devices with no glue logic or latency penalty Glueless interface to standard ZBTTM or Synchronous Pipelined Burst SRAMs Boundary Scan JTAG Interface (IEEE 1149.1compliant) 1.5V match power supply 2.5V core and I/O power supply
Functional Highlights
Data and Mask Array The NSE has Data cell entries and associated Mask cell entries as shown in Fig. 1.1. This combination of Data and Mask cell entries enables the NSE to store 0, 1 or X, making it a full ternary Network Search Engine. During a lookup operation, both arrays are used along with a Global Mask Register to find a match to a requested data word. Figure 1.1
Mask Da t a
Command Bus The Command Bus loads the specific instructions into the NSE. These include: Read or Write A Read or Write instruction operates on a specified data entry, mask entry, register or external SRAM. SRAM No Wait Read An SRAM No Wait Read is a Read instruction to an external SRAM that can be pipelined within a series of operations and does not require the user to wait for the Read to complete before loading the next instruction. Lookup A lookup can be requested in 40-bit, 72-bit, 144-bit or 288-bit widths. SMDL Lookup The three SMDL Lookup instructions offer the ability to simultaneously search in mutually exclusive databases which increases the search rate up to 200 MSPS. SRAM Interface The NSE provides all required address and control signals for a glueless SRAM interface. The NSE provides a pipelined bypass path for reads or writes to the external SRAM. The ASIC/FPGA handles the pipelining of the data to and from the SRAM. Registers There are four basic types of registers supported: Configuration Registers are used at initialization to define the segmentation of the entries, timing of outputs and the SRAM interface. Global Mask Registers are provided to support Lookup instructions by masking individual bits during a search. Search Result Registers are used to store the resulting index of a search from a Lookup operation. Reply Width Registers are used with Lookup operations.
A6457 drw 03
Bus Interface The NSE utilizes a dual bus interface consisting of the NSE Request Bus and the NSE Response Bus. The NSE Request Bus is comprised of the Command Bus and the Request Data Bus. The Command Bus handles the instruction to the NSE while the Request Data Bus is the main data path to the NSE. The 72 bit bi-directional Request Data Bus functions as a multiplexed address and data bus, which performs the writing and reading of NSE entries, as well as presenting lookup data to the device. The NSE Response Bus is comprised of an independent unidirectional Index Bus which drives the result of the lookup (or index) to either an SRAM device or an ASIC. In addition to driving the Index, the NSE Response Bus also drives the associated SRAM control signals (CE/OE, and WE) for either ZBTTM or Synchronous Pipeline Burst SRAM devices.
2
Network Search Engine 32K x 72 Entries
Datasheet Brief 75N42102
Signal Descriptions
Pin Function NSE Request Bus: Request Strobe Command Bus Request Data Bus NSE Response Bus: This bus is used to drive the address of an external SRAM, or feedback Lookup result information Output directly to the NSE's ASIC/FPGA. The Index Bus contains the encoded location at which the compare Three State was found. Output Three State This signal is driven along with the Index Bus. It is connected to the CE input pin of a ZBT SRAM or to the OE pin of a PBSRAM. Input Input This input signifies a valid input request and signals the start of an NSE operation cycle. Defines the instruction to be performed by the NSE and selects Glo bal Mask registers and Search Result registers. I/O Description
Input/Output The Request Data Bus is a multiplexed address/data bus used to perform reads (and writes) from (to) the Three State NSE, and to present search data for lookups.
Index Bus
Chip Enable/ Output Enable Write Enable Read Acknowledge Match Acknowledge Valid Lookup Bit Clock and Initialization: Clock Input Clock Phase Enable Reset Depth Expansion: Configuration In Configuration Out Match Input Match Output
Output This signal is driven along with the Index bus. It is used to assert the WE pin of an external SRAM. It is Three State active for SRAM write operations. Output Output Output This signal is sent back when the data is read from the NSE on the Request Data Bus, or when the data being read from the associated external SRAM. This is signal is sent with the Index. It will be driven low if there was no match, high if a match was found. This signal is sent with the Index. It will be driven high upon the completion of a lookup, even if the lookup did not result in a hit.
Input Input Input
All inputs and outputs are referenced to the positive edge of this clock. This signal is used to generate an internal clock at 1/2 the freque ncy of the input clock. This pin will force all outputs to a high impedence condition, as well as clearing the NSE enable bit.
Input Output Input Output
Configures the Device ID at power up. Configures the Device ID at power up. The Match Input signal is driven by all upstream Match Output signals. This indicates to all down stream NSEs that a hit in a higher priority NSE has occurred. The Match Output signal signifies that a match has occurred in the NSE. The signal is fed into a Match Input line of all lower priority NSE(s).
6457 tbl 01
6.42 3


▲Up To Search▲   

 
Price & Availability of 75N42102

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X